PART |
Description |
Maker |
T7000425 T7002025 T7000225 T7001335 T7002235 T7000 |
Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 1200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1800 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 1000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 470 A, 2000 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 600 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 200 V, SCR Phase Control SCR (250-350 Amperes 200-2200 Volts) 第一阶段控制晶闸管(250-350安培200-2200伏特 Phase Control SCR (250-350 Amperes 200-2200 Volts) 550 A, 2200 V, SCR
|
Powerex Power Semicondu... Powerex Power Semiconductor... PHOENIX CONTACT Deutschland GmbH Powerex, Inc. POWEREX[Powerex Power Semiconductors] http://
|
C783 C783CB C783CD C783CM C783CS C783CP |
Phase Control SCR 1800 Amperes Average 3700 Volts 3300 A, 3600 V, SCR Phase Control SCR 1800 Amperes Avg 3000-3700 Volts
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
ST1200C20K0 ST1200C20K0L ST1200C..KSERIES 2663 ST1 |
PHASE CONTROL THYRISTORS From old datasheet system 1400V 1650A Phase Control SCR in a A-24 (K-Puk) package 1800V 1650A Phase Control SCR in a A-24 (K-Puk) package 1200V 1650A Phase Control SCR in a A-24 (K-Puk) package 2000V 1650A Phase Control SCR in a A-24 (K-Puk) package 1600V 1650A Phase Control SCR in a A-24 (K-Puk) package Silicon Controlled Rectifier, 3080 A, 1600 V, SCR, KPUK-2
|
IRF[International Rectifier] Vishay Semiconductors
|
111RIA80 110RIA 110RIA120 110RIA80 111RIA 111RIA12 |
Silicon Controlled Rectifier, 172 A, 800 V, SCR, TO-209AC, METAL GLASS, TO-94, 3 PIN 800V 110A Phase Control SCR in a TO-209AC (TO-94) package 1200V 110A Phase Control SCR in a TO-209AC (TO-94) package 400V 110A Phase Control SCR in a TO-209AC (TO-94) package PHASE CONTROL THYRISTORS From old datasheet system
|
Vishay Semiconductors IRF[International Rectifier]
|
ST110S16P1V ST110S04P0 ST110S04P1 ST110S04P1V ST11 |
PHASE CONTROL THYRISTORS 1400V 110A Phase Control SCR in a TO-209AC (TO-94C) package 1200V 110A Phase Control SCR in a TO-209AC (TO-94) package 400V 110A Phase Control SCR in a TO-209AC (TO-94) package 800V 110A Phase Control SCR in a TO-209AC (TO-94) package 1600V 110A Phase Control SCR in a TO-209AC (TO-94C) package
|
IRF[International Rectifier]
|
C702LN C702 C702CB C702CP C702LD C702LM |
Phase Control SCR 1000 Amperes Average 3200 Volts
|
POWEREX[Powerex Power Semiconductors]
|
CR02AM CR02 |
Lead-Mount, Phase Control SCR 0.3 Amperes/400 Volts
|
POWEREX[Powerex Power Semiconductors]
|
T820750A |
Phase Control SCR (750 Amperes Average 2400 Volts)
|
POWEREX[Powerex Power Semiconductors]
|